Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download HBR30100AAB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r (rev.) 201003b 1/7 ?? schottky barrier diode hbr30100a order codes ? marking ? package halogen free ? packaging device weight hbr30100az hbr30100a to-220 no tube 1.98 g(typ) hbr30100azr hbr30100a to-220 yes tube 1.98 g(typ) hbr30100ahf hbr30100a to-220hf no tube 1.70 g(typ) hbr30100ahfr hbr30100a to-220hf yes tube 1.70 g(typ) HBR30100AAB hbr30100a to-3pb no tube 5.20 g(typ) HBR30100AABr hbr30100a to-3pb yes tube 5.20 g(typ) ? main characteristics i f(av) 30 215 a v rrm 100 v t j 175 v f(max) 0.72v @tj=125 ? package ? z ??? z ?? applications z high frequency switch power supply z free wheeling diodes, polarity protection applications ? z ? z ?? z ?? z ? ?? z rohs ? features z common cathode structure z low power loss, high efficiency z high operating junction temperature z guard ring for overvoltage protection high reliability z rohs product to-22o to-22ohf ? order message to-3pb
r hbr30100a ( (rev.) ? 201003b 2/7 4??nqn absolute ratings  (tc=25  ) nm ,a parameter 0 ? symbol d  value ) ! unit ?? ? ?g??+ _ repetitive peak reverse voltage v rrm 100 v ??,#l?+ _ maximum dc blocking voltage v dc 100 v !7 ?g h#+ # average forward current t c =150  (to-220 to-3pb) t c =125  (to-220hf) ht < per device ){ per diode i f(av) 30 15 a !7 ??#>#`+ # surge non repetitive forward current ?nqnbeq 8.3ms !7"? ? y jedec ?"?? 8.3 ms single half-sine-wave (jedec method) i fsm 275 a ?p?4#y maximum junction temperature t j 175  |,#yz storage temperature range t stg -40~+150   + (m? electrical characteristics      &(m? thermal characteristics nm,a parameter  0 ? symbol ?? value(min)  ?? value(max)  )! unit  41u?,x&l thermal resistance from junction to case   to-220 to-3pb to-220hf  r th(j-c)   1.8 2.0 2.5 /w parameter #a?5 tests conditions ?? value(min) l _ value(typ) ?? value(max) )! unit tj =25  10 0.72 v
r hbr30100a (rev.) 201003b 3/7 electrical characteristics (curves) i f vs v f i r vs v r i f(av) vs t c c t vs v r
r hbr30100a (rev.) 201003b 4/7 ? package mechanical data to-220 unit mm symbol min max a4.404.80 b1.101.40 b0.700.95 c0.280.48 c1 0.32 0.52 d 14.45 16.00 d2 8.20 9.20 e9.6010.40 e2.392.69 f1.201.35 l 13.05 14.05 l2 3.70 3.90 q2.403.00 q1 2.20 2.90 p3.504.00 e q p d2 d e e b f a q1 c c1 a b l l2
r hbr30100a (rev.) 201003b 5/7 ? package mechanical data to-220hf unit mm e p a f c q1 e e b b 1 l d q l2 d2 symbol min max a 4.0 5.0 b1 0.87 1.27 b 0.72 0.92 c 0.5 0.70 d 15.0 16.5 d2 7.8 9.4 e 9.62 10.62 e 2.54(typ) f 2.3 3.3 l 12.0 14.0 l2 3.1 3.5 p 3.0 3.4 q 3.15 3.55 q1 2.2 2.5
r hbr30100a (rev.) 201003b 6/7 ? package mechanical data to-3pb unit mm symbol min max a 4.6 5.0 b 2.9 3.2 b1 1.9 2.2 b 0.9 1.10 c 0.5 0.70 d 19.4 20.4 e 15.4 15.8 e 5.45 typ f 1.4 1.60 l 19.5 20.5 l2 3.3 3.7 p 3.1 3.5 q 5.8 6.2 q1 1.3 1.5 30 30 f c q1 b e b b1 l e a p q l2 d r hbr3040
r hbr30100a (rev.) 201003b 7/7 ? appendix ?? revision history date ? last rev. new rev. ? description of changes 2010-03-08 200911a 201003b 1.deleted to-220f; 2. added to-220hf. ? 1. ????????? ??????? ??? 2. ???? ?? ? 3. ????? ?????? 4. ??? note 1. jilin sino-microelectronics co., ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. we strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don?t be hesitate to contact us. 3. please do not exc eed the absolute maximum ratings of the device w hen circuit designing. 4. jilin sino-microelectronics co., ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. ?? ?????? ???? 99 ?? 132013 ? 86-432-64678411 86-432-64665812 ? www.hwdz.com.cn ? ??? 99 ?? 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 contact jilin sino-microelectronics co., ltd. add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 te l 86-432-64678411 fax 86-432-64665812 web site www.hwdz.com.cn market department add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 tel: 86-432-64675588 64675688 64678411-3098/3099 fax: 86-432-64671533


▲Up To Search▲   

 
Price & Availability of HBR30100AAB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X